Part Number Hot Search : 
LTC5583 KBL407G PT8A2612 MIC2843 74LS53 T93C56 FMM5027 TZ630N
Product Description
Full Text Search
 

To Download ATS-51250R-C2-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra High Performance BGA Cooling Solutions w/ maxiGRIPTM Attachment
ATS PART # ATS-51250R-C2-R0
Features & Benefits
maxiFLOWTM design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling maxiGRIPTM attachment applies steady, even pressure to the component and does not require holes in the PCB Meets Telcordia GR-63-Core Office Vibration; ETSI 300 019 Transportation Vibration; and MIL-STD-810 Shock and Unpackaged Drop Testing standards Comes preassembled with high performance, phase changing, thermal interface material Designed for low profile components from 1.5 to 2.99mm
C
D

B
A

thermal Performance
AIR VELOCITy
*Image above is for illustration purposes only.
THERMAL RESISTANCE
FT/MIN
200 300 400 500 600 700 800
M/S
1.0 1.5 2.0 2.5 3.0 3.5 4.0
C/W (UNDUCTED FLOW)
3.8 3.1 2.7 2.4 2.2 2.1 2
C/W (DUCTED FLOW)
2.9
Product Details
DIMENSION A 25 mm
Notes:
1) 2) 3) 4) 5) 6)
DIMENSION B 25 mm
DIMENSION C 19.5 mm
DIMENSION D 44.9 mm
INTERFACE MATERIAL SAINT-GOBAIN C1100F
FINISH BLACK- ANODIZED
Dimension C = heat sink height from bottom of the base to the top of the fin field. ATS-51250R-C1-R0 is a subsitute item available utilizing an equivalent phase change material (Chomerics T766). Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. Optional maxiGRIPTM Installation/Removal Tool Set P/N: MGT250 Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
REV1_0908


▲Up To Search▲   

 
Price & Availability of ATS-51250R-C2-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X